1. 2. 3. material content data sheet sales product name bsc084p03ns3e g issued 29. august 2013 ma# MA000509226 package pg-tdson-8-5 weight* 119.40 mg construction element material group substances cas# if applicable weight [mg] average mass [%] sum [%] average mass [ppm] sum [ppm] chip inorganic material silicon 7440-21-3 1.835 1.54 1.54 15368 15368 leadframe non noble metal iron 7439-89-6 0.038 0.03 317 inorganic material phosphorus 7723-14-0 0.011 0.01 95 non noble metal copper 7440-50-8 37.762 31.62 31.66 316270 316682 wire non noble metal copper 7440-50-8 0.057 0.05 0.05 478 478 encapsulation organic material carbon black 1333-86-4 0.085 0.07 713 plastics epoxy resin - 6.046 5.06 50642 inorganic material silicondioxide 60676-86-0 36.449 30.53 35.66 305279 356634 leadfinish non noble metal tin 7440-31-5 1.452 1.22 1.22 12158 12158 plating noble metal silver 7440-22-4 0.166 0.14 0.14 1386 1386 solder non noble metal tin 7440-31-5 0.037 0.03 308 noble metal silver 7440-22-4 0.046 0.04 385 non noble metal lead 7439-92-1 1.758 1.47 1.54 14721 15414 heatspreader inorganic material phosphorus 7723-14-0 0.003 0.00 28 non noble metal iron 7439-89-6 0.011 0.01 95 non noble metal copper 7440-50-8 11.320 9.48 9.49 94811 94934 heat sink clip inorganic material phosphorus 7723-14-0 0.007 0.01 56 non noble metal iron 7439-89-6 0.022 0.02 187 non noble metal copper 7440-50-8 22.292 18.67 18.70 186703 186946 *deviation < 10% sum in total: 100,00 1000000 important remarks: infineon technologies ag provides full material declaration based on information provided by third parties and has taken and continues to take reasonable steps to provide representative and accurate information. infineon technologies ag and infineon technologies ag suppliers consider certain information to be proprietary, and thus cas numbers and other limited information may not be available for release. all statements are based on our present knowledge, are provided 'as is' and may be subject to change at any time due to technical requirements and development without notification. company infineon technologies ag address 81726 mnchen internet www.infineon.com
|